Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2816 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2816
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2816 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2816 Datasheet HTML 1Page - Renesas Technology Corp 2SC2816 Datasheet HTML 2Page - Renesas Technology Corp 2SC2816 Datasheet HTML 3Page - Renesas Technology Corp 2SC2816 Datasheet HTML 4Page - Renesas Technology Corp 2SC2816 Datasheet HTML 5Page - Renesas Technology Corp 2SC2816 Datasheet HTML 6Page - Renesas Technology Corp 2SC2816 Datasheet HTML 7Page - Renesas Technology Corp 2SC2816 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC2816
3
100
80
60
40
20
0
50
100
150
Case temperature TC (°C)
Collector Current Derating Rate
IS/B
Limit
Area
10
3
10 (s)
Transient Thermal Resistance
1.0
0.03
0.01
0.1
1.0
0.01
10 (ms)
Time t
0.1
1.0
0.01
0.1
0.3
10 ms–10
s
10
µs–10
ms
TC = 25°C
10
200
500
Collector to emitter voltage VCE (V)
Reverse Bias Area of Safe Operation
8
2
100
300
400
0
4
6
IB2 = –1.0 A
450 V,
1.0 A
325 V, 10 A
400 V,
5 A
600
Base to emitter resistance RBE (Ω)
Collector to Emitter Voltage vs.
Base to Emitter Resistance
400
300
1 k
10 k
100 k
1 M
100
500
IC = 1 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com