Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2855 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC2855
Description  Silicon NPN Epitaxial
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2855 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC2855 Datasheet HTML 3Page - Renesas Technology Corp 2SC2855 Datasheet HTML 4Page - Renesas Technology Corp 2SC2855 Datasheet HTML 5Page - Renesas Technology Corp 2SC2855 Datasheet HTML 6Page - Renesas Technology Corp 2SC2855 Datasheet HTML 7Page - Renesas Technology Corp 2SC2855 Datasheet HTML 8Page - Renesas Technology Corp 2SC2855 Datasheet HTML 9Page - Renesas Technology Corp 2SC2855 Datasheet HTML 10Page - Renesas Technology Corp 2SC2855 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC2855, 2SC2856
5
40
80
20
60
100
0
Collector to Base Voltage VCB (V)
1,000
100
10
1.0
0.1
Collector Cut-Off Current vs.
Collector to Base Voltage
Ta
=
75
°C
25
–25
0
100
20
80
60
40
Collector to Emitter Voltage VCE (V)
1,000
100
10
1.0
0.1
Collector Cut-Off Current vs. Collector to
Emitter Voltage
25
–25
Ta
= 75
°C
810
6
24
0
Emitter to Base Voltage VEB (V)
1,000
100
10
1.0
0.1
Emitter Cut-Off Current vs.Emitter to
Base Voltage
10
100
1 k
10 k
100 k
Base to Emitter Resistance RBE (Ω)
190
180
170
160
150
140
Collector to Emitter Breakdown
Voltage vs. Base to Emitter Resistance
Typical Value
IC = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com