Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4499L Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC4499L
Description  Silicon NPN Triple Diffused
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4499L Datasheet(HTML) 8 Page - Renesas Technology Corp

  2SC4499L Datasheet HTML 1Page - Renesas Technology Corp 2SC4499L Datasheet HTML 2Page - Renesas Technology Corp 2SC4499L Datasheet HTML 3Page - Renesas Technology Corp 2SC4499L Datasheet HTML 4Page - Renesas Technology Corp 2SC4499L Datasheet HTML 5Page - Renesas Technology Corp 2SC4499L Datasheet HTML 6Page - Renesas Technology Corp 2SC4499L Datasheet HTML 7Page - Renesas Technology Corp 2SC4499L Datasheet HTML 8Page - Renesas Technology Corp 2SC4499L Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2SC4499(L)/(S)
6
Switching Time vs. Case Temperature
5
3
1.0
0.3
0.1
0.05
25
75
125
50
100
0
Case temperature TC (°C)
tstg
tf
ton
IC = 0.5 A
IB1 = – IB2 = 0.1 A
RL = 300 Ω
VCC = 150 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com