Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4913 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4913
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4913 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4913 Datasheet HTML 1Page - Renesas Technology Corp 2SC4913 Datasheet HTML 2Page - Renesas Technology Corp 2SC4913 Datasheet HTML 3Page - Renesas Technology Corp 2SC4913 Datasheet HTML 4Page - Renesas Technology Corp 2SC4913 Datasheet HTML 5Page - Renesas Technology Corp 2SC4913 Datasheet HTML 6Page - Renesas Technology Corp 2SC4913 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC4913
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
2000
V
Collector to emitter voltage
V
CEO
2000
V
Emitter to base voltage
V
EBO
6V
Collector current
I
C
20
mA
Collector peak current
I
C(peak)
40
mA
Collector power dissipation
P
C
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector cutoff current
I
CES
—
—
500
µAV
CE = 2000 V, RBE = 0
Collector cutoff current
I
CEO
——
5
mA
V
CE = 2000 V, RBE = ∞
Emitter cutoff current
I
EBO
—
—
500
µAV
EB = 6 V, IC = 0
DC current transfer ratio
h
FE
10
—
—
V
CE = 5 V, IC = 1 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
—
5.0
V
I
C = 10 mA, IB = 2 mA
2.0
1.5
1.0
0.5
0
Ambient Temperature Ta (
°C)
Maximum Collector Power Dissipation Curve
50
100
150
200
100
50
20
10
0.5
0.2
0.1
100
200
500
1000 2000
5000
Collector to Emitter Voltage V
(V)
Area of Safe Operation
CE
1 shot pulse
ic(peak)
I max
C
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com