Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5050 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5050
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5050 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5050 Datasheet HTML 1Page - Renesas Technology Corp 2SC5050 Datasheet HTML 2Page - Renesas Technology Corp 2SC5050 Datasheet HTML 3Page - Renesas Technology Corp 2SC5050 Datasheet HTML 4Page - Renesas Technology Corp 2SC5050 Datasheet HTML 5Page - Renesas Technology Corp 2SC5050 Datasheet HTML 6Page - Renesas Technology Corp 2SC5050 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5050
Silicon NPN Epitaxial
ADE-208-1130A (Z)
2nd. Edition
Mar. 2001
Application
VHF / UHF wide band amplifier
Features
• High gain bandwidth product
f
T = 11 GHz Typ
• High gain, low noise figure
PG = 14.0 dB Typ, NF = 1.1 dB Typ at f = 900 MHz
Outline
1
2
3
1. Emitter
2. Base
3. Collector
MPAK
Note:
Marking is “YZ–”.
Attention: This device is very sensitive to electro static discharge.
It is recommended to adopt appropriate cautions when handling this transistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com