Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7540 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 17Page - Renesas Technology Corp 7540 Datasheet HTML 18Page - Renesas Technology Corp 7540 Datasheet HTML 19Page - Renesas Technology Corp 7540 Datasheet HTML 20Page - Renesas Technology Corp 7540 Datasheet HTML 21Page - Renesas Technology Corp 7540 Datasheet HTML 22Page - Renesas Technology Corp 7540 Datasheet HTML 23Page - Renesas Technology Corp 7540 Datasheet HTML 24Page - Renesas Technology Corp 7540 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 21 of 82
REJ03B0011-0400Z
Fig. 19 Interrupt control
Fig. 20 Structure of Interrupt-related registers
Interrupt disable flag I
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset
b7
b0
b7
b0
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
0 : Falling edge active
1 : Rising edge active
INT1 interrupt edge selection bit
0 : Falling edge active
1 : Rising edge active
Not used (returns “0” when read)
P00 key-on wakeup enable bit
0 : Key-on wakeup enabled
1 : Key-on wakeup disabled
(INTEDGE : address 003A16, initial value : 0016)
Interrupt request register 1
Serial I/O1 receive interrupt request bit
Serial I/O1 transmit interrupt request bit
INT0 interrupt request bit
INT1 interrupt request bit
Key-on wake up interrupt request bit
CNTR0 interrupt request bit
CNTR1 interrupt request bit
Timer X interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16, initial value : 0016)
b7
b0 Interrupt control register 1
Serial I/O1 receive interrupt enable bit
Serial I/O1 transmit interrupt enable bit
INT0 interrupt enable bit
INT1 interrupt enable bit (Do not write “1” to this bit for 32-pin version)
Key-on wake up interrupt enable bit
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
Timer X interrupt enable bit
0 : Interrupts disabled
1 : Interrupts enabled
(ICON1 : address 003E16, initial value : 0016)
Interrupt request register 2
Timer Y interrupt request bit
Timer Z interrupt request bit
Timer A interrupt request bit
Serial I/O2 interrupt request bit
A/D conversion interrupt request bit
Timer 1 interrupt request bit
Not used (returns “0” when read)
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ2 : address 003D16, initial value : 0016)
b7
b0 Interrupt control register 2
Timer Y interrupt enable bit
Timer Z interrupt enable bit
Timer A interrupt enable bit
Serial I/O2 interrupt enable bit
A/D conversion interrupt enable bit
Timer 1 interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16, initial value : 0016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com