Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7560 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7560
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7560 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7560 Datasheet HTML 55Page - Renesas Technology Corp 7560 Datasheet HTML 56Page - Renesas Technology Corp 7560 Datasheet HTML 57Page - Renesas Technology Corp 7560 Datasheet HTML 58Page - Renesas Technology Corp 7560 Datasheet HTML 59Page - Renesas Technology Corp 7560 Datasheet HTML 60Page - Renesas Technology Corp 7560 Datasheet HTML 61Page - Renesas Technology Corp 7560 Datasheet HTML 62Page - Renesas Technology Corp 7560 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
Rev.1.02
Jul 31, 2003
page 59 of 69
7560 Group (A version)
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Table 12 Absolute maximum ratings
RECOMMENDED OPERATING CONDITIONS
Table 13 Recommended operating conditions (1) (VCC = 1.8 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Power source voltage
Power source voltage
A-D, D-A conversion reference voltage
Analog power source voltage
Analog input voltage AN0–AN7
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
2.1
VCC
VCC
VCC
VSS
VLI
VREF
AVSS
VIA
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Unit
4.5
4.0
3.0
2.0
3.0
2.0
1.8
1.8
0.15 ✕ f+1.3
1.3
2.0
AVSS
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0
1.8
0
Typ.
Max.
Power source voltage
(Note 1)
VO
VO
VO
Pd
Topr
Tstg
–0.3 to 6.5
V
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P40–P47, P50–P57, P60–P67
Input voltage
P70–P77
Input voltage
VL1
Input voltage
VL2
Input voltage
VL3
Input voltage
C1, C2
Input voltage
RESET, XIN
Output voltage C1, C2
VCC
VI
Symbol
Parameter
Conditions
Ratings
Unit
All voltages are based on VSS.
Output transistors are cut off.
VI
VI
VI
VI
VI
VI
VO
VO
VO
Output voltage P00–P07, P10–P15, P30–P37
Output voltage P16, P17, P20–P27, P40–P47,
P50–P57, P60–P67, P71–P77
Output voltage VL3
Output voltage VL2, SEG0–SEG17
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
At output port
At segment output
Ta = 25°C
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VL2
VL1 to VL3
VL2 to 6.5
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to 6.5
–0.3 to VCC
–0.3 to VL3
–0.3 to VCC +0.3
–0.3 to 6.5
–0.3 to VL3
–0.3 to VCC +0.3
300
–20 to 85
–40 to 125
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
High-speed mode
Middle-speed mode
Low-speed mode
At start oscillating (Note 2)
At using voltage multiplier
f(XIN) = 10 MHz
f(XIN) = 8 MHz
f(XIN) = 6 MHz
f(XIN) = 4 MHz
f(XIN) = 10 MHz
f(XIN) = 8 MHz
f(XIN) = 6 MHz
Notes 1: When using the A-D or D-A converter, refer to “A-D Converter Characteristics” or “D-A Converter characteristics”.
2: The oscillation start voltage and the oscillation start time differ in accordance with an oscillator, a circuit constant, or temperature, etc. When power
suppl voltage is low and high frequency oscillator is used, an oscillation start will require sufficient conditions.
f: This is an oscillator’s oscillation frequency. For example, when oscillation frequency is 8 MHz, substitute “8”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com