Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37540E2GP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37540E2GP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540E2GP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37540E2GP Datasheet HTML 5Page - Renesas Technology Corp M37540E2GP Datasheet HTML 6Page - Renesas Technology Corp M37540E2GP Datasheet HTML 7Page - Renesas Technology Corp M37540E2GP Datasheet HTML 8Page - Renesas Technology Corp M37540E2GP Datasheet HTML 9Page - Renesas Technology Corp M37540E2GP Datasheet HTML 10Page - Renesas Technology Corp M37540E2GP Datasheet HTML 11Page - Renesas Technology Corp M37540E2GP Datasheet HTML 12Page - Renesas Technology Corp M37540E2GP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 9 of 82
REJ03B0011-0400Z
Currently supported products are listed below.
Table 2 List of supported products
Part Number
(P) ROM size (bytes)
ROM size for User ()
8192
(8062)
16384
(16254)
8192
(8062)
32768
(32638)
RAM size
(bytes)
384
512
384
768
768
Package
32P4B
36P2R-A
32P6U-A
32P4B
36P2R-A
32P6U-A
32P4B
36P2R-A
32P6U-A
32P4B
36P2R-A
32P6U-A
42S1M
Remarks
Mask ROM version
Mask ROM version
Mask ROM version (extended operating temperature version)
Mask ROM version (extended operating temperature 125 °C version)
Mask ROM version
Mask ROM version (extended operating temperature version)
Mask ROM version (extended operating temperature 125 °C version)
Mask ROM version
Mask ROM version
Mask ROM version (extended operating temperature version)
Mask ROM version (extended operating temperature 125 °C version)
Mask ROM version
Mask ROM version (extended operating temperature version)
Mask ROM version (extended operating temperature 125 °C version)
One Time PROM version (blank)
One Time PROM version (blank)
One Time PROM version (blank)
One Time PROM version (blank)
One Time PROM version (blank)
One Time PROM version
(shipped after programming, extended operating temperature version)
One Time PROM version (shipped after programming, extended
operating temperature 125 °C version)
One Time PROM version (blank)
One Time PROM version
(shipped after programming, extended operating temperature version)
One Time PROM version (shipped after programming, extended
operating temperature 125 °C version)
Emulator MCU
M37540M2-XXXSP
M37540M2-XXXFP
M37540M2T-XXXFP
M37540M2V-XXXFP
M37540M2-XXXGP
M37540M2T-XXXGP
M37540M2V-XXXGP
M37540M4-XXXSP
M37540M4-XXXFP
M37540M4T-XXXFP
M37540M4V-XXXFP
M37540M4-XXXGP
M37540M4T-XXXGP
M37540M4V-XXXGP
M37540E2SP
M37540E2FP
M37540E2GP
M37540E8SP
M37540E8FP
M37540E8T-XXXFP
M37540E8V-XXXFP
M37540E8GP
M37540E8T-XXXGP
M37540E8V-XXXGP
M37540RSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com