Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU6NA100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU6NA100
Description  N - CHANNEL 1000V - 1.45ohm - 6A - Max220 FAST POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6NA100 Datasheet(HTML) 1 Page - STMicroelectronics

  STU6NA100 Datasheet HTML 1Page - STMicroelectronics STU6NA100 Datasheet HTML 2Page - STMicroelectronics STU6NA100 Datasheet HTML 3Page - STMicroelectronics STU6NA100 Datasheet HTML 4Page - STMicroelectronics STU6NA100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STU6NA100
N - CHANNEL 1000V - 1.45
Ω - 6A - Max220
FAST POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.45
Ω
s
± 30V GATE TO SOURCE VOLTAGE
RANTING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INTRINSIC CAPACITANCE
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
CONSUMER AND INDUSTRIAL LIGHTING
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY (UPS)
®
INTERNAL SCHEMATIC DIAGRAM
June 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
1000
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
1000
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC6
A
ID
Drain Current (continuous) at Tc = 100
oC
3.9
A
IDM(
•)
Drain Current (pulsed)
24
A
Ptot
Total Dissipation at Tc = 25
oC
160
W
Derating Factor
1.28
W/
oC
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STU6NA100
1000 V
< 1.7
Ω
6 A
Max220
1
2
3
1/5


Similar Part No. - STU6NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU6NA90 STMICROELECTRONICS-STU6NA90 Datasheet
71Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
More results

Similar Description - STU6NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Jan-1998
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov 1996
STU7NA80 STMICROELECTRONICS-STU7NA80 Datasheet
42Kb / 5P
N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
Jun-1998
STU7NA90 STMICROELECTRONICS-STU7NA90 Datasheet
49Kb / 5P
N - CHANNEL 900V - 1.05 ohm - 7A - Max220 FAST POWER MOS TRANSISTOR
Jun-1998
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
Mar-1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com