Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC147P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC147P
Description  10-to-4-line Priority Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC147P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC147P Datasheet HTML 1Page - Renesas Technology Corp HD74HC147P Datasheet HTML 2Page - Renesas Technology Corp HD74HC147P Datasheet HTML 3Page - Renesas Technology Corp HD74HC147P Datasheet HTML 4Page - Renesas Technology Corp HD74HC147P Datasheet HTML 5Page - Renesas Technology Corp HD74HC147P Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74HC147
Rev.2.00, Oct 11, 2005 page 2 of 5
Pin Arrangement
1
2
3
4
5
6
7
8
4
5
6
7
8
C
B
GND
VCC
NC
D
3
2
1
9
A
16
15
14
13
12
11
10
9
(Top view)
5
Inputs
Outputs
Inputs
Output
Output
6
7
8
C
B
D
4
A
3
2
1
9
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC + 0.5
V
Output voltage
VOUT
–0.5 to VCC + 0.5
V
Output current
IOUT
±25
mA
DC current drain per VCC, GND
ICC, IGND
±50
mA
DC input diode current
IIK
±20
mA
DC output diode current
IOK
±20
mA
Power dissipation per package
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com