Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU7NB100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STU7NB100
Description  N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NB100 Datasheet(HTML) 4 Page - STMicroelectronics

  STU7NB100 Datasheet HTML 1Page - STMicroelectronics STU7NB100 Datasheet HTML 2Page - STMicroelectronics STU7NB100 Datasheet HTML 3Page - STMicroelectronics STU7NB100 Datasheet HTML 4Page - STMicroelectronics STU7NB100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.3
4.6
0.169
0.181
A1
2.2
2.4
0.087
0.094
A2
2.9
3.1
0.114
0.122
b
0.7
0.93
0.027
0.036
b1
1.25
1.4
0.049
0.055
b2
1.2
1.38
0.047
0.054
c
0.45
0.6
0.18
0.023
D
15.9
16.3
0.626
0.641
D1
9
9.35
0.354
0.368
D2
0.8
1.2
0.031
0.047
D3
2.8
3.2
0.110
0.126
e
2.44
2.64
0.096
0.104
E
10.05
10.35
0.396
0.407
L
13.2
13.6
0.520
0.535
L1
3
3.4
0.118
0.133
D3
D1
D2
D
E
L
L1
P011R
Max220 MECHANICAL DATA
STU7NB100
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com