Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C83MB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38C83MB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C83MB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38C83MB Datasheet HTML 3Page - Renesas Technology Corp M38C83MB Datasheet HTML 4Page - Renesas Technology Corp M38C83MB Datasheet HTML 5Page - Renesas Technology Corp M38C83MB Datasheet HTML 6Page - Renesas Technology Corp M38C83MB Datasheet HTML 7Page - Renesas Technology Corp M38C83MB Datasheet HTML 8Page - Renesas Technology Corp M38C83MB Datasheet HTML 9Page - Renesas Technology Corp M38C83MB Datasheet HTML 10Page - Renesas Technology Corp M38C83MB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
6
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
GROUP EXPANSION
Mitsubishi plans to expand the 38C8 group as follows.
Memory Type
Support for mask ROM and One Time PROM versions
Memory Size
ROM/PROM size ............................................................ 60 K bytes
RAM size ........................................................................ 2048 bytes
Memory Expansion Plan
Fig. 4 Memory expansion plan
Currently products are listed below.
Package
144P6Q-A
144P6Q-A
Product name
M38C89MF-XXXFP
M38C89EFFP
(P) ROM size (bytes)
ROM size for User in ( )
61440 (61310)
61440 (61310)
RAM size
(bytes)
2048
2048
Table 2 List of products
Mask ROM version
One Time PROM version
Remarks
Packages
144P6Q-A ................................... 0.5 mm-pitch plastic molded QFP
32K
28K
24K
20K
16K
12K
8K
4K
256384512640
768
896
1,024
192
40K
48K
1,5362,048
56K
60K
ROM size (bytes)
RAM size (bytes)
M38C89MF/EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com