Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B77FD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M38B77FD
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B77FD Datasheet(HTML) 3 Page - Renesas Technology Corp

  M38B77FD Datasheet HTML 1Page - Renesas Technology Corp M38B77FD Datasheet HTML 2Page - Renesas Technology Corp M38B77FD Datasheet HTML 3Page - Renesas Technology Corp M38B77FD Datasheet HTML 4Page - Renesas Technology Corp M38B77FD Datasheet HTML 5Page - Renesas Technology Corp M38B77FD Datasheet HTML 6Page - Renesas Technology Corp M38B77FD Datasheet HTML 7Page - Renesas Technology Corp M38B77FD Datasheet HTML 8Page - Renesas Technology Corp M38B77FD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
2
Fig. 1 Pin configuration of M38B79MFH-XXXXFP
PIN CONFIGURATION (TOP VIEW)
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
M38B79MFH-XXXXFP
*P47/FLD39
VEE
*P46/FLD38
PB5/SOUT1
PB4/SCLK11
PB3/SSTB1
PA6/AN6
PA7/AN7
VREF
AVSS
PB2/SBUSY1
P71/INT1
P70/INT0
PB0/SCLK12/DA
PB1/SRDY1
*P20/FLD0
*P21/FLD1
*P22/FLD2
*P23/FLD3
*P24/FLD4
*P25/FLD5
*P26/FLD6
*P27/FLD7
PB6/SIN1
*P51/FLD41
*P50/FLD40
*P53/FLD43
*P52/FLD42
*P55/FLD45
*P54/FLD44
*P57/FLD47
*P56/FLD46
*P61/FLD49
*P60/FLD48
*P63/FLD51
*P62/FLD50
P65/TxD/FLD53
P64/RxD/FLD52
P67/SRDY2/SCLK22/FLD55
P66/SCLK21/FLD54
Package type: 100P6S-A
*High-breakdown-voltage output port: Totaling 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com