Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1630S07LP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA1630S07LP
Description  Single CMOS High Drive Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S07LP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA1630S07LP Datasheet HTML 1Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 2Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S07LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HA1630D07
REJ03D0907-0100 Rev.1.00 Feb 22, 2008
Page 3 of 14
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Note
Supply voltage
VDD
7.0
V
Differential input voltage
VIN(diff)
–VDD to +VDD
V
1
Input voltage
VIN
–0.1 to +VDD
V
Output current
IOUT
40
mA
80 (CMPAK-5)
Power dissipation
PT
120 (MPAK-5)
mW
2
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Do not apply input voltage exceeding VDD or 7 V.
2. If Ta > 25°C,
CMPAK-5: –0.8 mW/°C
MPAK-5: –1.2 mW/°C
Electrical Characteristics
DC Characteristics
(Ta = 25°C, VDD = 3.0 V, VSS = 0 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
VIO
—
—
6
mV
VIN = 1.5 V, RL = 1 MΩ
Input bias current
IIB
—
(1)
—
pA
VIN = 1.5 V
Input offset current
IIO
—
(1)
—
pA
VIN = 1.5 V
Common mode input voltage range
VCM
–0.1
—
1.8
V
Supply current
IDD
—
60
170
µA
VIN(+) = 1.0 V, RL = ∞
Output source current
IOSOURCE
7.5
15
—
mA
VOUT = 2.5 V
Output sink current
IOSINK
7.5
15
—
mA
VOUT = 0.5 V
Open loop voltage gain
AV
55
80
—
dB
RL = 100 kΩ
Common mode rejection ratio
CMRR
50
80
—
dB
VIN1 = 0 V, VIN2 = 1.8 V
Power supply rejection ratio
PSRR
55
80
—
dB
VDD1 = 2.7 V, VDD2 = 5.5 V
Output high voltage
VOH
2.9
—
—
V
RL = 2 kΩ to VSS
Output low voltage
VOL
—
—
0.1
V
RL = 2 kΩ to VDD
Note:
( ) : Design specification
AC Characteristics
(Ta = 25°C, VDD = 3.0 V, VSS = 0 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
SRr
—
(1)
—
Slew rate
SRf
—
(1)
—
V/
µs
VIN = 1.5 V, CL = 15 pF
(VINL = 0.2 V, VINH = 1.7 V)
Gain bandwidth product
GBW
—
(1.5)
—
MHz
VIN = 1.5 V, CL = 15 pF
Note:
( ) : Design specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com