Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV0056A
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV0056A Datasheet HTML 15Page - STMicroelectronics STV0056A Datasheet HTML 16Page - STMicroelectronics STV0056A Datasheet HTML 17Page - STMicroelectronics STV0056A Datasheet HTML 18Page - STMicroelectronics STV0056A Datasheet HTML 19Page - STMicroelectronics STV0056A Datasheet HTML 20Page - STMicroelectronics STV0056A Datasheet HTML 21Page - STMicroelectronics STV0056A Datasheet HTML 22Page - STMicroelectronics STV0056A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
CONTROL REGISTERS (continued)
Reg 7
write/read
Bit (default AFHEX)
0
H
Select frequency for PLL synthesizer - bit 2 of 10-bit value
1
H
Select frequency for PLL synthesizer
2
H
Select frequency for PLL synthesizer
3
H
Select frequency for PLL synthesizer
4
L
Select frequency for PLL synthesizer
5
H
Select frequency for PLL synthesizer
6
L
Select frequency for PLL synthesizer
7
H
Select frequency for PLL synthesizer - bit 9, MSB (10th bit) of 10-bit value
Reg 8
read only
Bit
0
Subcarrier detection (DET 1) (L = No subcarrier)
1
Not used
2
Read frequency of watchdog 1 - LSB (bit 0) of 10-bit value
3
Read frequency of watchdog 1 - bit 1 of 10-bit value
4
Subcarrier detection (DET 2) (L = No subcarrier)
5
Not used
6
Read frequency of watchdog 2 - bit 0 of 10-bit value
7
Read frequency of watchdog 2 - bit 1 of 10-bit value
Reg 9
read only
Bit (default AFHEX)
0
Read frequency of watchdog 1 - bit 2 of 10-bit value
1
Read frequency of watchdog 1
2
Read frequency of watchdog 1
3
Read frequency of watchdog 1
4
Read frequency of watchdog 1
5
Read frequency of watchdog 1
6
Read frequency of watchdog 1
7
Read frequency of watchdog 1 - bit 9, MSB (10th bit) of 10-bit
Reg 0A
read only
Bit
0
Read frequency of watchdog 2 - bit 2 of 10-bit value
1
Read frequency of watchdog 2
2
Read frequency of watchdog 2
3
Read frequency of watchdog 2
4
Read frequency of watchdog 2
5
Read frequency of watchdog 2
6
Read frequency of watchdog 2
7
Read frequency of watchdog 2 - bit 9, MSB (10th bit) of 10-bit
STV0056A
19/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com