Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SH30 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SH30
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SH30 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SH30 Datasheet HTML 2Page - Renesas Technology Corp 2SH30 Datasheet HTML 3Page - Renesas Technology Corp 2SH30 Datasheet HTML 4Page - Renesas Technology Corp 2SH30 Datasheet HTML 5Page - Renesas Technology Corp 2SH30 Datasheet HTML 6Page - Renesas Technology Corp 2SH30 Datasheet HTML 7Page - Renesas Technology Corp 2SH30 Datasheet HTML 8Page - Renesas Technology Corp 2SH30 Datasheet HTML 9Page - Renesas Technology Corp 2SH30 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SH30
5
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Collector Current
I
(A)
C
Switching Characteristics
Gate Resistance Rg (
)
Ω
Switching Characteristics
Case Temperature Tc (°C)
Switching Characteristics
500
400
300
200
100
0
20
16
12
8
4
40
80
120
160
200
0
1000
200
500
100
20
10
50
12
10
20
V
= 200 V
300 V
400 V
CC
V
= 400 V
300 V
200 V
CC
I = 50 A
C
VCE
VGE
5
t f
r
t
d(on)
t
d(off)
t
V
= 300V, V
= ±15 V
Rg = 50
, Ta = 25°C
CC
Ω
GE
5000
1000
3000
300
30
10
100
1000
200
500
100
20
10
50
25
50
75
100
125
1
3
10
30
100
300
t f
r
t
d(on)
t
d(off)
t
GE
I
= 50A, R = 6
V
= ±15 V
C
L
Ω
t f
r
t
d(on)
t
d(off)
t
GE
I
= 50A, R = 6
V
= ±15 V, Rg = 50
C
L
Ω
Ω
50
100
500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com