Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0196 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV0196
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV0196 Datasheet HTML 9Page - STMicroelectronics STV0196 Datasheet HTML 10Page - STMicroelectronics STV0196 Datasheet HTML 11Page - STMicroelectronics STV0196 Datasheet HTML 12Page - STMicroelectronics STV0196 Datasheet HTML 13Page - STMicroelectronics STV0196 Datasheet HTML 14Page - STMicroelectronics STV0196 Datasheet HTML 15Page - STMicroelectronics STV0196 Datasheet HTML 16Page - STMicroelectronics STV0196 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
X - CONVOLUTIONAL DE-INTERLEAVER
This is a 204 x 12 convolutional interleaver in
Mode A ; the periodicity of 204 bytes for sync byte
is preserved.
The de-interleaver may be skipped (see RS register).
XI - REED-SOLOMON DECODER
AND DESCRAMBLER
The input blocks are 204 byte long with 16 parity
bytes in Mode A; the synchro byte is the first byte
of the block. Up to 8 byte errors may be fixed.
Code Generator polynom:
g(x) = (x -
ω0)(x - ω1) (...) (x - ω15)
over the Galois Field generated by :
X
8 +X4 +X3 +X2 +1 = 0
Energy dispersal descrambler :
Output energy dispersal descrambler generator :
X
15 +X14 +1
The polynom is initialised every eight blocks with
the sequence 100101010000000. The synchro
words are unscrambled.
Control register : RS register
Internal Address : Hex0A
The reset value is written in each register cell
RS7
RS6
RS5
RS4
RS3
RS2
RS1
RS0
10111000
RS7 : De-interleaver Enable
If 1, the input flow is deinterleaved.
If 0, the flow is not affected.
RS6 : If 0, Outp ut data are corrected bytes
(normal operating mode).
If1, OutputdataareReed-Solomoncorrection
bytes (error count mode) (see Note 1).
RS5 : Reed-Solomon Enable
If 1, the input code is corrected.
If 0, no correction happens; all the data are
fed to the descrambler.
The error signal remains inactive.
RS4 : Descrambler Enable
If 1, the output flow from Reed-Solomon
decoder is descrambled.
If 0, the descrambler is desactived.
RS3 : Write Error Bit
If RS3=1, and uncorrectible error happens,
the MSB of the first byte following the sync
byte is forced to 1after descrambling.
RS2 : Super Synchro Suppression
If RS2=1, all synchro bytes are Hex47 in
mode A.
If RS2=0, the synchro is complemented
every 8th packet. It allows, when scrambler
is off, to provide RS coded signals for use
in low-cost SMATV interface.
RS1 : Output Clock Polarity
If RS1=0, data and control signals change
during high to low transition of CK_OUT.
If RS1=1, they change during the low to
high transition.
RS0 : Output Clock Configuration
If RS0=0, CK_OUT is continuous.
If RS0=1, CK_OUT remains low during the
parity bits.
Note 1 :
When RS6 = 1, the output data are the correction bytes
applied to data incoming the Reed-Solomon block.
The number of bits at 1 in these output data represent
therefore the number of errors remaining at the output of
VITERBI decoder.
All null output data mean no error left after VITERBI
decoding.
Remark : Output datas are meaningless when error flag (Pin 34) is
set to high level.
FUNCTIONAL DESCRIPTION (continued)
Da ta
P a rity
No Error
Uncorre cte d P a cke t
No Error
CK_OUT
D/P
STR_OUT
ERROR
RS 0=0, RS 1=0
RS 0=1, RS 1=0
RS 0=0, RS 1=1
RS 0=1, RS 1 =1
Da ta
P a rity
Da ta
P a rity
Figure 3
STV0196B
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com