Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVL368CM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVL368CM
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL368CM Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVL368CM Datasheet HTML 1Page - Renesas Technology Corp HVL368CM Datasheet HTML 2Page - Renesas Technology Corp HVL368CM Datasheet HTML 3Page - Renesas Technology Corp HVL368CM Datasheet HTML 4Page - Renesas Technology Corp HVL368CM Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVL368CM
Rev.2.00 Mar 10, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
10
VR = 10 V
Reverse current
IR2
—
—
100
nA
VR = 10 V, Ta = 60
°C
C1
15.0
—
16.5
VR = 1 V, f = 1 MHz
C2
9.0
10.2
VR = 2 V, f = 1 MHz
Capacitance
C3
5.0
—
6.0
pF
VR = 3 V, f = 1 MHz
Capacitance ratio
n
2.2
—
—
—
C1 / C3
Series resistance
rS
—
—
1.1
Ω
VR = 2 V, f = 470 MHz
Note
: For TEFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com