Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046-XXXSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35046-XXXSP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35046-XXXSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35046-XXXSP Datasheet HTML 1Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M35046-XXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Rev.1.1
DESCRIPTION
The M35046-XXXSP/FP is a character pattern display control IC can
display on the liquid crystal display and the plasma display. It uses a
silicon gate CMOS process and it housed in a 20-pin shrink DIP pack-
age (M35046-XXXSP) or a 20-pin shrink SOP package (M35046-
XXXFP).
For M35046-001SP/FP that is a standard ROM version of M35046-
XXXSP/FP respectively, the character pattern is also mentioned.
FEATURES
• Screen composition .................................... 24 columns × 12 lines
• Number of characters displayed................................... 288 (Max.)
• Character composition ..................................... 12 × 18 dot matrix
• Characters available.............................................. 256 characters
• Character sizes available .................... 4 (horizontal) × 4 (vertical)
• Display locations available
Horizontal direction .............................................. 1000 locations
Vertical direction .................................................. 1023 locations
• Blinking .................................................................. Character units
Cycle : division of vertical synchronization signal into 32 or 64
Duty
: 25%, 50%, or 75%
• Data input .................................. By the 16-bit serial input function
• Coloring
Character color ..................................................... Character unit
Background coloring ............................................. Character unit
Matrix-outline (shadow) coloring .............. 8 colors (RGB output)
Specified by register
Border coloring ........................................ 8 colors (RGB output)
Specified by register
Raster coloring ........................................ 8 colors (RGB output)
Specified by register
• Blanking
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
• Output ports
4 shared output ports (toggled between RGB output)
4 dedicated output ports
• Display RAM erase function
• Display input frequency range ............... FOSC = 20MHz to 80MHz
• Horizontal synchronous input frequency
........................................................ H.sync = 15 kHz to 130 kHz
• Display oscillation stop function
APPLICATION
Liquid crystal display, Plasma display, Video projecter
Outline 20P4B
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT ←
@ VDD2
← VERT
← HOR
→ P5/B
→ P4
→ P3/G
→ P2
→ P1/R
→ P0/BLNK0
@ VSS
VSS2 @
AC →
CS →
SCK →
SIN →
TCK →
VDD1 @
P6 ←
P7 ←
Outline 20P2Q-A
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT ←
@ VDD2
← VERT
← HOR
→ P5/B
→ P4
→ P3/G
→ P2
→ P1/R
→ P0/BLNK0
@ VSS1
VIR @
AC →
CS →
SCK →
SIN →
TCK →
VDD1 @
P6 ←
P7 ←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com