Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26C32AFPEL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD26C32AFPEL
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26C32AFPEL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD26C32AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 12Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HD26C32A
Rev.2.00, Jul.16.2004, page 9 of 12
A
GND–
B
GND–
C
GND–
A
GND–
B
GND–
C
GND–
D
GND–
F
GND–
E
GND–
D
GND–
F
GND–
E
GND–
Line : 1200 m, Duty : 50%
Frequency : 100 kHz, RT : 100 Ω
H : 5
µs/div
V : 2 V/div
Line : 12 m, Duty : 50%
Frequency : 10 MHz, RT : 100 Ω
H : 50 ns/div
V : 2 V/div
Figure 6 Sample Transmission Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com