Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC73P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC73P
Description  Dual J-K Flip-Flops (with Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC73P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC73P Datasheet HTML 1Page - Renesas Technology Corp HD74HC73P Datasheet HTML 2Page - Renesas Technology Corp HD74HC73P Datasheet HTML 3Page - Renesas Technology Corp HD74HC73P Datasheet HTML 4Page - Renesas Technology Corp HD74HC73P Datasheet HTML 5Page - Renesas Technology Corp HD74HC73P Datasheet HTML 6Page - Renesas Technology Corp HD74HC73P Datasheet HTML 7Page - Renesas Technology Corp HD74HC73P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 7
HD74HC73
Dual J-K Flip-Flops (with Clear)
REJ03D0548-0200
(Previous ADE-205-420)
Rev.2.00
Oct 06, 2005
Description
The flip-flop is edge sensitive to the clock input and change state on the negative going transition of the clock pulse.
Each flip-flop has independent, J, K, clock, and clear inputs and Q and Q outputs. Clear is independent of the clock and
accomplished by a low level on the input.
Features
• High Speed Operation: t
pd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC73P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC73FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC73RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
Clear
Clock
J
K
Q
Q
L
X
X
X
L
H
H
L
L
No change
H
L
H
L
H
H
H
L
H
L
L
H
H
Toggle
H
L
X
X
No change
H
H
X
X
No change
H
X
X
No change
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC73P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
More results

Similar Description - HD74HC73P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
logo
Renesas Technology Corp
HD74LS73A RENESAS-HD74LS73A Datasheet
93Kb / 7P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC107 RENESAS-HD74HC107_15 Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com