Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC74 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC74
Description  Dual D-type Flip-Flops (with Preset and Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC74 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC74 Datasheet HTML 1Page - Renesas Technology Corp HD74HC74 Datasheet HTML 2Page - Renesas Technology Corp HD74HC74 Datasheet HTML 3Page - Renesas Technology Corp HD74HC74 Datasheet HTML 4Page - Renesas Technology Corp HD74HC74 Datasheet HTML 5Page - Renesas Technology Corp HD74HC74 Datasheet HTML 6Page - Renesas Technology Corp HD74HC74 Datasheet HTML 7Page - Renesas Technology Corp HD74HC74 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC74
Rev.2.00, Oct 06, 2005 page 2 of 7
Pin Arrangement
1
2
3
4
5
6
7
1CLR
1D
1CK
1PR
1Q
1
Q
GND
VCC
2CLR
2D
2CK
2PR
2Q
2
Q
14
13
12
11
10
9
8
(Top view)
CK
D
Q
Q
PR
CLR
DCK
Q
Q
CLR
PR
Logic Diagram (1/2)
CLR
D
PR
CK
CK
CK
CK
Q
Q
CK
#
#
#
#
CK
CK
CK
CK
CK
CK
#
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
Vin, Vout
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±25
mA
VCC, GND current
ICC or IGND
±50
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com