Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC131 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC131
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC131 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC131 Datasheet HTML 1Page - Renesas Technology Corp HVC131 Datasheet HTML 2Page - Renesas Technology Corp HVC131 Datasheet HTML 3Page - Renesas Technology Corp HVC131 Datasheet HTML 4Page - Renesas Technology Corp HVC131 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC131
Rev.3.00 Oct 29, 2004 page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
0.1
10
100
10
1.0
1.0
080
20
60
40
100
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Ta= 25
°C
Ta= 50
°C
10
–12
10
–2
10
–4
10
–6
10
–8
10
–10
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 1MHz
Forward current IF (A)
Fig.4 Forward resistance vs. Forward current
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
10
–13
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Ta= 25
°C
Ta= 50
°C
10
3
10
2
10
1
10
0
10
–1
10
–5
10
–4
10
–3
10
–2
f = 100MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com