Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC132 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVC132
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC132 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVC132 Datasheet HTML 1Page - Renesas Technology Corp HVC132 Datasheet HTML 2Page - Renesas Technology Corp HVC132 Datasheet HTML 3Page - Renesas Technology Corp HVC132 Datasheet HTML 4Page - Renesas Technology Corp HVC132 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.3.00 Oct 29, 2004 page 1 of 4
HVC132
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G0421-0300
(Previous: ADE-208-429B)
Rev.3.00
Oct 29, 2004
Features
• Low capacitance. (C = 0.5 pF max)
• Low forward resistance. (rf = 2.0 Ω max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC132
P2
UFP
Pin Arrangement
12
P2
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC132

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC132 HITACHI-HVC132 Datasheet
22Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Guangdong Kexin Industr...
HVC132 KEXIN-HVC132 Datasheet
31Kb / 1P
Silicon Epitaxial Planar Pin Diode
More results

Similar Description - HVC132

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KP RENESAS-RKP200KP Datasheet
52Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP204KP RENESAS-RKP204KP Datasheet
66Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com