Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC133A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC133A
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC133A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC133A Datasheet HTML 1Page - Renesas Technology Corp HVC133A Datasheet HTML 2Page - Renesas Technology Corp HVC133A Datasheet HTML 3Page - Renesas Technology Corp HVC133A Datasheet HTML 4Page - Renesas Technology Corp HVC133A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC133A
Rev.1.00, Jan.21.2004, page 3 of 4
Main Characteristic
0.1
10
10
1.0
0.1
1.0
030
20
15
10
525
Ta= 75
°C
Ta= 25
°C
Ta= 50
°C
0
0.2
0.4
0.6
0.8
1.0
Ta= 25
°C
Ta= 50
°C
Ta= 75
°C
10
–12
10
–2
10
–4
10
–6
10
–8
10
–10
0.1
10
1.0
0.1
1.0
10
10
–10
10
–11
10
–12
10
–13
10
–14
f = 1MHz
Forward current IF (mA)
Fig.4 Forward resistance vs. Forward current
f = 100MHz
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com