Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC202A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC202A
Description  Variable Capacitance Diode for UHF/VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC202A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC202A Datasheet HTML 1Page - Renesas Technology Corp HVC202A Datasheet HTML 2Page - Renesas Technology Corp HVC202A Datasheet HTML 3Page - Renesas Technology Corp HVC202A Datasheet HTML 4Page - Renesas Technology Corp HVC202A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC202A
Rev.2.00, Sep.23.2003, page 2 of 4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
34
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
I
R1
——
10
V
R = 32 V
Reverse current
I
R2
—
—
100
nA
V
R = 32 V, Ta = 60°C
C
2
14.11 —
16.47
V
R = 2 V, f = 1 MHz
Capacitance
C
25
2.06
—
2.35
pF
V
R = 25 V, f = 1 MHz
Capacitance ratio
n
6.20
—
—
—
C
2/C25
Series resistance
r
s
—
—
0.57
Ω
V
R = 5 V, f = 470 MHz
Matching error
∆C/C *1
—
—
2.00
%
V
R = 2 to 25 V, f = 1 MHz
Note:
1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
(Cmax – Cmin)
Cmin
∆C/C =
× 100 (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com