Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC202B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVC202B
Description  Variable Capacitance Diode for UHF/VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC202B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVC202B Datasheet HTML 1Page - Renesas Technology Corp HVC202B Datasheet HTML 2Page - Renesas Technology Corp HVC202B Datasheet HTML 3Page - Renesas Technology Corp HVC202B Datasheet HTML 4Page - Renesas Technology Corp HVC202B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00, Sep.23.2003, page 1 of 4
HVC202B
Variable Capacitance Diode for UHF/VHF tuner
REJ03G0096-0200Z
(Previous: ADE-208-406A)
Rev.2.00
Sep.23.2003
Features
• Low matching error. (∆C/C = 1.80% max)
• High capacitance ratio. (n = 6.30 min)
• Low series resistance. (rs = 0.57 Ω max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC202B
A0
UFP
Pin Arrangement
Cathode mark
Mark
12
1. Cathode
2. Anode
A0


Similar Part No. - HVC202B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC202B HITACHI-HVC202B Datasheet
25Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
More results

Similar Description - HVC202B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC202A HITACHI-HVC202A Datasheet
23Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
HVU202B HITACHI-HVU202B Datasheet
27Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
logo
Leshan Radio Company
HVU202B LRC-HVU202B Datasheet
47Kb / 2P
Variable Capacitance Diode for UHF/VHF Tuner
logo
Renesas Technology Corp
RKV5000DKK RENESAS-RKV5000DKK Datasheet
92Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
HVC326C RENESAS-HVC326C Datasheet
39Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
RKV500KG RENESAS-RKV500KG Datasheet
143Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
RKV500KJ RENESAS-RKV500KJ Datasheet
143Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
RKV500KK RENESAS-RKV500KK Datasheet
55Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
HVD326C RENESAS-HVD326C Datasheet
55Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
HVU202B RENESAS-HVU202B Datasheet
145Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com