Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC91 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC91
Description  8-bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC91 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC91 Datasheet HTML 1Page - Renesas Technology Corp HD74HC91 Datasheet HTML 2Page - Renesas Technology Corp HD74HC91 Datasheet HTML 3Page - Renesas Technology Corp HD74HC91 Datasheet HTML 4Page - Renesas Technology Corp HD74HC91 Datasheet HTML 5Page - Renesas Technology Corp HD74HC91 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74HC91
Rev.2.00, Oct 06, 2005 page 4 of 5
Test Circuit
VCC
Clock
VCC
Zout = 50
Ω
Input
Zout = 50
Ω
Input
CL = 50 pF
Output
CL = 50 pF
Output
QH
QH
A
B
Note: C includes the probe and jig capacitance.
L
Pulse generator
Pulse generator
Waveforms
0 V
VCC
VOH
Clock
QH
QH
50 %
10 %
90 %
tr
10 %
tf
50 %
50 %
tw (L)
tw (H)
10 %
90 %
tTLH
10 %
tTHL
90 %
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
50 %
50 %
tPHL
tPLH
tPHL
tPLH
VOL
VOH
VOL
90 %
• Waveform − 1
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
Note:
0 V
VCC
A or B
10 %
90 %
tr
10 %
tf
90 %
50 %
50 %
50 %
th (H)
tsu (H)
tsu (L)
th (L)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com