Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC306B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVC306B
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC306B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVC306B Datasheet HTML 1Page - Renesas Technology Corp HVC306B Datasheet HTML 2Page - Renesas Technology Corp HVC306B Datasheet HTML 3Page - Renesas Technology Corp HVC306B Datasheet HTML 4Page - Renesas Technology Corp HVC306B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.1.00, Sep.23.2003, page 1 of 4
HVC306B
Variable Capacitance Diode for VHF tuner
REJ03G0098-0100Z
(Previous: ADE-208-612)
Rev.1.00
Sep.23.2003
Features
• Low matching error. (∆C/C =2.0% max)
• High capacitance ratio. (n =11.0 min)
• Low series resistance. (rs = 0.75 Ω max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC306B
A2
UFP
Pin Arrangement
Cathode mark
Mark
12
1. Cathode
2. Anode
A2


Similar Part No. - HVC306B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC306B HITACHI-HVC306B Datasheet
25Kb / 5P
Variable Capacitance Diode for VHF tuner
More results

Similar Description - HVC306B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HVU300B LRC-HVU300B Datasheet
46Kb / 2P
Variable Capacitance Diode for VHF Tuner
logo
Renesas Technology Corp
HVC306C RENESAS-HVC306C Datasheet
154Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU300C RENESAS-HVU300C Datasheet
143Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV502KG RENESAS-RKV502KG Datasheet
56Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV502KJ RENESAS-RKV502KJ Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV501KJ RENESAS-RKV501KJ Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
HVD328C RENESAS-HVD328C Datasheet
55Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC200A RENESAS-HVC200A Datasheet
240Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU307 RENESAS-HVU307 Datasheet
154Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU327C RENESAS-HVU327C Datasheet
52Kb / 5P
Variable Capacitance Diode for VHF tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com