Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC317B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HVC317B
Description  Variable Capacitance Diode for tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC317B Datasheet(HTML) 4 Page - Renesas Technology Corp

  HVC317B Datasheet HTML 1Page - Renesas Technology Corp HVC317B Datasheet HTML 2Page - Renesas Technology Corp HVC317B Datasheet HTML 3Page - Renesas Technology Corp HVC317B Datasheet HTML 4Page - Renesas Technology Corp HVC317B Datasheet HTML 5Page - Renesas Technology Corp HVC317B Datasheet HTML 6Page - Renesas Technology Corp HVC317B Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HVC317B
Rev.0, Apr. 1996, page 2 of 2
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
35
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R1
—
—
10
nA
V
R = 30V
I
R2
—
—
100
V
R = 30V, Ta = 60 °C
Capacitance
C
1
9.00
—
11.5
pF
V
R = 1V, f = 1 MHz
C
25
0.60
—
0.80
V
R = 25V, f = 1 MHz
Capacitance ratio
n
13.0
—
—
—
C
1/ C25
Series resistance
r
s
—
—
1.6
Ω
V
R = 5V, f = 470 MHz
Matching error
∆C/C*1
—
—
6.0
%
V
R = 1 to 25V, f = 1 MHz
Note:
1.
C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
(Cmax-Cmin)
∆C/C=
x 100 (%)
Cmin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com