Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC363A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC363A
Description  Variable Capacitance Diode for TV tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC363A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC363A Datasheet HTML 1Page - Renesas Technology Corp HVC363A Datasheet HTML 2Page - Renesas Technology Corp HVC363A Datasheet HTML 3Page - Renesas Technology Corp HVC363A Datasheet HTML 4Page - Renesas Technology Corp HVC363A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC363A
Rev.2.00 Feb 16, 2005 page 3 of 4
Main Characteristic
0.2
0
0.4
0.6
0.8
f=470MHz
10
-1.50
-2.00
1.0
100
f=1MHz
-1.00
-0.50
0
0
1020304050
10
–6
10
–8
10
–9
10
–10
10
–13
10
–7
10
–12
10
–11
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
1.0
10
60
20
0
40
100
Reverse voltage VR (V)
Fig.2 Capacitance vs. Reverse voltage
80
f = 1MHz
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
1.0
10
100
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com