Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC372B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC372B
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC372B Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC372B Datasheet HTML 1Page - Renesas Technology Corp HVC372B Datasheet HTML 2Page - Renesas Technology Corp HVC372B Datasheet HTML 3Page - Renesas Technology Corp HVC372B Datasheet HTML 4Page - Renesas Technology Corp HVC372B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC372B
Rev.1.00, Sep.17.2003, page 3 of 4
Main Characteristic
1.0
10
30
25
20
10
5
15
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
20
0.1
1.0
10
0.1
0.1
1.0
10
0
10
–13
10
–11
10
–12
10
–9
10
–10
f = 470MHz
–1.0
–0.5
–1.5
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage
f = 1MHz
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com