Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC379B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC379B
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC379B Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC379B Datasheet HTML 1Page - Renesas Technology Corp HVC379B Datasheet HTML 2Page - Renesas Technology Corp HVC379B Datasheet HTML 3Page - Renesas Technology Corp HVC379B Datasheet HTML 4Page - Renesas Technology Corp HVC379B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC379B
Rev.1.00 Jan 19, 2005 page 3 of 4
Main Characteristic
0.1
1.0
10
-0.6
-0.4
0
-0.5
-0.3
-0.2
-0.1
0.1
1.0
10
6
5
4
2
1
3
0
1.0
0.4
0
0.1
1.0
10
0.2
0.5
0.6
0.8
05
10
15
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
10
-14
10
-12
10
-13
10
-11
10
-10
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f=1MHz
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage
f=470MHz
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com