Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-681-M01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV-681-M01
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-681-M01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV-681-M01 Datasheet HTML 17Page - STMicroelectronics STV-681-M01 Datasheet HTML 18Page - STMicroelectronics STV-681-M01 Datasheet HTML 19Page - STMicroelectronics STV-681-M01 Datasheet HTML 20Page - STMicroelectronics STV-681-M01 Datasheet HTML 21Page - STMicroelectronics STV-681-M01 Datasheet HTML 22Page - STMicroelectronics STV-681-M01 Datasheet HTML 23Page - STMicroelectronics STV-681-M01 Datasheet HTML 24Page - STMicroelectronics STV-681-M01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADCS 7283313C
21/44
STV0681
STV0681 Hardware Interfaces
4.3
USB interface
STV0681 includes a USB Version 1.1 compliant Universal Serial Bus Interface, including a
transceiver. This allows direct connection from STV0681 to a USB connector with minimal
additional hardware (that is a small number of passive discretes) - see
Chapter 7
The USB interface interfaces the STV0681 to the USB at full speed 12MHz data rate. Some of the
features are:
q
Compliant with USB protocol revision 1.1.
q
USB protocol handling.
q
USB device state handling.
q
Clock and data recovery from USB.
q
Bit stripping and bit stuffing functions.
q
CRC5 checking, CRC16 generation and checking.
q
Serial to parallel conversion.
q
Single bulk-end point.
USB drivers are supplied by ST. For USB timing information, please refer to the USB specification
V1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com