Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS32 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD26LS32
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD26LS32 Datasheet HTML 1Page - Renesas Technology Corp HD26LS32 Datasheet HTML 2Page - Renesas Technology Corp HD26LS32 Datasheet HTML 3Page - Renesas Technology Corp HD26LS32 Datasheet HTML 4Page - Renesas Technology Corp HD26LS32 Datasheet HTML 5Page - Renesas Technology Corp HD26LS32 Datasheet HTML 6Page - Renesas Technology Corp HD26LS32 Datasheet HTML 7Page - Renesas Technology Corp HD26LS32 Datasheet HTML 8Page - Renesas Technology Corp HD26LS32 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 2 of 14
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
1B
GND
1A
1Y
2Y
8
Enable G
2A
2B
13
14
15
10
11
12
9
16 VCC
4B
4A
4Y
Enable G
3Y
3A
3B
Function Table
Differential Input
Enable
Output
A – B
G
G
G
G
G
Y
V
ID≥ V TH
HX
H
XL
H
V
TL < VID < VTH
HX
?
XL
?
V
ID≤ V TL
HX
L
XL
L
XL
H
Z
H :
High level
L :
Low level
X :
Immaterial
? :
Irrelevant
Z :
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com