Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS32P Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD26LS32P
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32P Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD26LS32P Datasheet HTML 7Page - Renesas Technology Corp HD26LS32P Datasheet HTML 8Page - Renesas Technology Corp HD26LS32P Datasheet HTML 9Page - Renesas Technology Corp HD26LS32P Datasheet HTML 10Page - Renesas Technology Corp HD26LS32P Datasheet HTML 11Page - Renesas Technology Corp HD26LS32P Datasheet HTML 12Page - Renesas Technology Corp HD26LS32P Datasheet HTML 13Page - Renesas Technology Corp HD26LS32P Datasheet HTML 14Page - Renesas Technology Corp HD26LS32P Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 11 of 14
RS-442A Interface Standard Applications
Figure 9 shows sample operation waveforms at various points with 1200 m and 12 m cable lengths.
1. Unidirectional Transmission (1 : 1 Configuration)
Receiver
Data
output
F
D
E
Driver
B
C
A
Data
input
RT
Figure 8 1 : 1 Unidirectional Transmission
: 1200 m
: 100 kHz
Line
Frequency
: 5
µs/div
: 2 V/div
H
V
: 50%
: 100
Ω
Duty
RT
: 12 m
: 10 MHz
Line
Frequency
: 50 ns/div
: 2 V/div
H
V
: 50%
: 100
Ω
Duty
RT
A
GND
C
GND
B
GND
D
GND
F
GND
E
GND
A
GND
C
GND
B
GND
D
GND
F
GND
E
GND
Figure 9 Sample Transmission Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com