Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC00P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC00P
Description  Quad 2-Input NAND Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC00P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC00P Datasheet HTML 1Page - Renesas Technology Corp HD74AC00P Datasheet HTML 2Page - Renesas Technology Corp HD74AC00P Datasheet HTML 3Page - Renesas Technology Corp HD74AC00P Datasheet HTML 4Page - Renesas Technology Corp HD74AC00P Datasheet HTML 5Page - Renesas Technology Corp HD74AC00P Datasheet HTML 6Page - Renesas Technology Corp HD74AC00P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Jul.16.2004, page 1 of 6
HD74AC00
Quad 2-Input NAND Gate
REJ03D0239–0200Z
(Previous ADE-205-355 (Z))
Rev.2.00
Jul.16.2004
Features
• Outputs Source/Sink 24 mA
• Ordering Information
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC00P
DIP-14 pin
DP-14, -14AV
P
—
HD74AC00FPEL
SOP-14 pin (JEITA)
FP-14DAV
FP
EL (2,000 pcs/reel)
HD74AC00RPEL
SOP-14 pin (JEDEC)
FP-14DNV
RP
EL (2,500 pcs/reel)
HD74AC00TELL
TSSOP-14 pin
TTP-14DV
T
ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
VCC
(Top view)


Similar Part No. - HD74AC00P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC00P RENESAS-HD74AC00P Datasheet
120Kb / 9P
Quad 2-Input NAND Gate
More results

Similar Description - HD74AC00P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC02 RENESAS-HD74AC02 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com