Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC00FPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74AC00FPEL
Description  Quad 2-Input NAND Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC00FPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74AC00FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC00FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC00FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC00FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC00FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC00FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC00FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74AC00
Rev.2.00, Jul.16.2004, page 5 of 6
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DAV
Conforms
0.23 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.70 ± 0.20
0.12
0.15
0˚ – 8˚
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DNV
Conforms
Conforms
0.13 g
0˚ – 8˚
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40 ± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Ni/Pd/Au plating
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com