Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC02 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74AC02
Description  Quad 2-Input NAND Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC02 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74AC02 Datasheet HTML 1Page - Renesas Technology Corp HD74AC02 Datasheet HTML 2Page - Renesas Technology Corp HD74AC02 Datasheet HTML 3Page - Renesas Technology Corp HD74AC02 Datasheet HTML 4Page - Renesas Technology Corp HD74AC02 Datasheet HTML 5Page - Renesas Technology Corp HD74AC02 Datasheet HTML 6Page - Renesas Technology Corp HD74AC02 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74AC02
Rev.2.00, Jul.16.2004, page 2 of 6
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
2 to 6
V
Input and output voltage
V
I, VO
0 to V
CC
V
Operating temperature
Ta
–40 to +85
°C
V
CC = 3.0V
V
CC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
V
IN 30% to 70% VCC
tr, tf
8
ns/V
V
CC = 5.5 V
DC Characteristics
Ta = 25
°°°°C
Ta = –40 to
+85
°°°°C
Item
Sym-
bol
Vcc
(V)
min.
typ.
max.
min.
max.
Unit
Condition
3.0
2.1
1.5
—
2.1
—
4.5
3.15
2.25
—
3.15
—
V
IH
5.5
3.85
2.75
—
3.85
—
V
OUT = 0.1 V or VCC –0.1 V
3.0
—
1.50
0.9
—
0.9
4.5
—
2.25
1.35
—
1.35
Input Voltage
V
IL
5.5
—
2.75
1.65
—
1.65
V
V
OUT = 0.1 V or VCC –0.1 V
3.0
2.9
2.99
—
2.9
—
4.5
4.4
4.49
—
4.4
—
5.5
5.4
5.49
—
5.4
—
V
IN = VIL or VIH
I
OUT = –50 µA
3.0
2.58
—
—
2.48
—
I
OH = –12 mA
4.5
3.94
—
—
3.80
—
I
OH = –24 mA
V
OH
5.5
4.94
—
—
4.80
—
V
IN = VIL or VIH
I
OH = –24 mA
3.0
—
0.002
0.1
—
0.1
4.5
—
0.001
0.1
—
0.1
5.5
—
0.001
0.1
—
0.1
V
IN = VIL or VIH
I
OUT = 50 µA
3.0
—
—
0.32
—
0.37
I
OL = 12 mA
4.5
—
—
0.32
—
0.37
I
OL = 24 mA
Output voltage
V
OL
5.5
—
—
0.32
—
0.37
V
V
IN = VIL or VIH
I
OL = 24 mA
Input leakage
current
I
IN
5.5
—
—
±0.1
—
±1.0
µAV
IN = VCC or GND
I
OLD
5.5
—
——86
—
mA
V
OLD = 1.1 V
Dynamic output
current*
I
OHD
5.5
—
—
—
–75
—
mA
V
OHD = 3.85 V
Quiescent supply
current
I
CC
5.5
—
—
4.0
—
40
µAV
IN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com