Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT125 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74ACT125
Description  Quad Buffer/Line Driver with 3-State Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT125 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74ACT125 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT125 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74AC125/HD74ACT125
Rev.3.00, Nov.12.2004, page 2 of 8
Logic Symbol
DO
E
Pin Names
D
Data Inputs
E
3-State Output Enable Inputs (Active Low)
O
Outputs
Truth Table
Inputs
E
D
Output
L
L
L
L
H
H
H
X
Z
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
VCC
–0.5 to 7
V
–20
mA
VI = –0.5V
DC input diode current
IIK
20
mA
VI = Vcc+0.5V
DC input voltage
VI
–0.5 to Vcc+0.5
V
–50
mA
VO = –0.5V
DC output diode current
IOK
50
mA
VO = Vcc+0.5V
DC output voltage
VO
–0.5 to Vcc+0.5
V
DC output source or sink current
IO
±50
mA
DC VCC or ground current per output pin
ICC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions: HD74AC125
Item
Symbol
Ratings
Unit
Condition
Supply voltage
VCC
2 to 6
V
Input and Output voltage
VI, VO
0 to VCC
V
Operating temperature
Ta
–40 to +85
°C
VCC = 3.0V
VCC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
VIN 30% to 70% VCC
tr, tf
8
ns/V
VCC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com