Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC166 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74AC166
Description  8-bit Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC166 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74AC166 Datasheet HTML 1Page - Renesas Technology Corp HD74AC166 Datasheet HTML 2Page - Renesas Technology Corp HD74AC166 Datasheet HTML 3Page - Renesas Technology Corp HD74AC166 Datasheet HTML 4Page - Renesas Technology Corp HD74AC166 Datasheet HTML 5Page - Renesas Technology Corp HD74AC166 Datasheet HTML 6Page - Renesas Technology Corp HD74AC166 Datasheet HTML 7Page - Renesas Technology Corp HD74AC166 Datasheet HTML 8Page - Renesas Technology Corp HD74AC166 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74AC166/HD74ACT166
Rev.2.00, Jul.16.2004, page 2 of 8
Logic Symbol
15
PE P0
DS
CP
VCC=Pin16
GND=Pin8
P1 P2 P3 P4 P5 P6 P7
1
71
2
MR
913
Q7
6
2
3
4
5 10 11 12 14
Pin Names
CP
1, CP2
Clock Pulse Inputs (Active Rising Edge)
D
S
Serial Data Input
PE
Parallel Enable Input (Active Low)
P
0 to P7
Parallel Data Inputs
MR
Asynchronous Master Reset Input (Active Low)
Q
7
Last Stage Output
Functional Description
Operation is synchronous (except for Master Reset) and state changes are initiated by the rising edge of either clock
input if the other clock input is Low. When one of the clock inputs is used as an active High clock inhibt, it should
attain the High state while the other clock is still in the High state following the previous operation. When the Parallel
Enable (
PE) input is Low, data is loaded into the register from the Parallel Data (P
0 to P7) inputs on the next rising edge
of the clock. When
PE is High, information is shifted from the Serial Data (D
S) input to Q0 and all data in the register is
shifted one bit position (i.e., Q
0 → Q1, Q1 → Q2, etc.) on the rising edge of the clock.
Truth Table
Inputs
Parallel
Internal Outputs
Output
MR
MR
MR
MR
PE
PE
PE
PE
CP
2
CP
1
D
S
P
0 to P7
Q
0
Q
6
Q
7
L
XXXXXL
L
L
H
XL
L
XXQ
A0
Q
B0
Q
H0
HL
L
X
a ··· h
a
b
h
HH
L
HX
H
Q
An
Q
Gn
HH
L
LX
L
Q
An
Q
Gn
HX
H
XXQ
A0
Q
B0
Q
H0
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
:
Low-to-High Clock Transition



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com