Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC166AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC166AFPEL
Description  8-bit Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC166AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC166AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC166AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Jul.16.2004, page 1 of 8
HD74AC166/HD74ACT166
8-bit Shift Register
REJ03D0255–0200Z
(Previous ADE-205-375 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC166/HD74ACT166 is an 8-bit, serial or parallel-in, serial-out shift register using edge triggered D-type
flip-flops. Serial and parallel entry are synchronous, with state changes initiated by the rising edge of the clock. An
asynchronous Master Reset overrides other inputs and clears all flip-flops. The circuit can be clocked from two sources
or one CP input can be used to trigger the other.
Features
• Outputs Source/Sink 24 mA
• HD74ACT166 has TTL-Compatible Inputs
• Ordering Information: Ex. HD74AC166
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC166AFPEL SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74AC166ARPEL SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
HD74AC166TELL
TSSOP-16 pin
TTP-16DAV
T
ELL(2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DS
P0
P1
P2
P3
CP1
CP2
GND
VCC
PE
P7
Q7
P6
P5
P4
MR
(Top view)


Similar Part No. - HD74AC166AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
More results

Similar Description - HD74AC166AFPEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com