Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 55Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 56Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 57Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 58Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 59Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 60Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 61Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 62Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
Schematics and example parts list
STV0680B + VV6410/6411/6500
60/63
Version 3.4
Note:
Not all compatible memory chips exhibit a low enough self-refresh current to meet the target
current for USB suspend mode (see Table 17). Two memory types have been suggested in Table
18, based on limited evaluation by ST, however this does not constitute a full characterisation, and
no guarantees can be made that the self-refresh current consumption will match the target for USB
suspend mode in all cases. Please consult the memory manufacturer
49
1
R21
RES
805
1K5
50
1
R64
RES
805
1K5
Only for RS232 camera
without
USB for production test
51
1
R36
RES
805
680R
Value depends on LED1 type
52
2
R39, R40
RES
805
4K7
53
1
R50
RES
805
390R
54
1
SW1
TOGGLE_S
SWITCH
Optional battery off switch when not
in use (would lose store images)
55
2
SW2, SW3
PUSH_SWI
TC FARNEL
58
Push button switches
56
1
SW4
TOGGLE_S
SWITCH
Only required for user selection of
flicker frequency (see alternate
schematic and explanatory notes)
57
1
T1
PIEZO
FARNELL_9
26
58
6
TP1, TP2,
TP3, TP4,
TP5, TP6
TESTPOINT
TP
Only required for RS232 camera
with USB production Test (lens
focusing)
59
1
U2
VV6500
48LCC
VGA sensor (different footprint to
VV6410)
60
1
U3
STV0680B
100QFP
Only require U2 or U6
STV0680 or STV0680A also
suitable
61
1
U4
GM72V661
64 400MIL_OP
SDRAM dual footprint is possible for
U4 and U5
62
1
U5
GM72V161
62 400MIL_OP
Preferred SDRAM has low self
refresh Idd. e.g. (16Mbit)
LG semicon: GM72V16162ET75
Hyundai: HY57V161610DTC-7
Micron: MT48LC1M16A1TG S
Samsung: KM416S11200T-G10
63
1
U6
VV6410
36LCC
CIF sensor (different footprint to
VV6500) only require U2 or U6
64
1
U8
Power-on-
reset chip
SOT23
2.7-2.93V
U8 only for option 2
e.g. MAXIM MAX809SEURT
(2v93 threshold)
TELCOM TCM809SENB
(2v93 threshold)
DALLAS DS1233 (SOT223)
65
1
U10
5VREG
SOT89-5
XC62HR500
2
U10 only required for 9V battery
66
1
U11
3V3REG
SOT89
MC78FC33H
T1
U11 only for option2
67
1
X1
XTAL
HC49U
12MHz
68
1
Lens
Lens with IR filter
Total
131
#
Qty Refdes
Device
Package
Value
Notes
Table 22 : STV0680B + VV6410/6411/6500 - Parts list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com