Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC113 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC113
Description  Dual J-K Flip-Flops (with Preset)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC113 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC113 Datasheet HTML 1Page - Renesas Technology Corp HD74HC113 Datasheet HTML 2Page - Renesas Technology Corp HD74HC113 Datasheet HTML 3Page - Renesas Technology Corp HD74HC113 Datasheet HTML 4Page - Renesas Technology Corp HD74HC113 Datasheet HTML 5Page - Renesas Technology Corp HD74HC113 Datasheet HTML 6Page - Renesas Technology Corp HD74HC113 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 6
HD74HC113
Dual J-K Flip-Flops (with Preset)
REJ03D0563-0200
(Previous ADE-205-436)
Rev.2.00
Oct 11, 2005
Description
This flip-flop is edge sensitive to the clock input and change state on the negative going transition of the clock pulse.
Each one has independent J, K, clock, and preset inputs and Q and
Q inputs. Preset is independent of the clock and
accomplished by a low level on the input.
Features
• High Speed Operation: t
pd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC113P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC113FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
Preset
Clock
J
K
Q
Q
L
X
X
X
H
L
H
L
L
No change
H
L
H
L
H
H
H
L
H
L
H
H
H
Toggle
H
H
X
X
No change
H
L
X
X
No change
H
X
X
No change
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC113

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
Dual J-K Flip-Flops (with Preset)
More results

Similar Description - HD74HC113

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
Dual J-K Flip-Flops (with Preset)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
Dual J-K Flip-Flops with Preset and Clear
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
Dual J-K Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com