Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2112B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV2112B
Description  BUS-CONTROLLED PAL/SECAM TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2112B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV2112B Datasheet HTML 7Page - STMicroelectronics STV2112B Datasheet HTML 8Page - STMicroelectronics STV2112B Datasheet HTML 9Page - STMicroelectronics STV2112B Datasheet HTML 10Page - STMicroelectronics STV2112B Datasheet HTML 11Page - STMicroelectronics STV2112B Datasheet HTML 12Page - STMicroelectronics STV2112B Datasheet HTML 13Page - STMicroelectronics STV2112B Datasheet HTML 14Page - STMicroelectronics STV2112B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RGB OUTPUTS (Pins 27-28-29) (continued)
Track
Tracking between Luminance and
Chrominance Signals
From Max. contrast (0dB)
to -10dB contrast
2dB
Bwidth
Bandwith of Output Signals at -3dB
- CVBS Input (no SVHS) PAL
- CVBS Input(no SVHS) SECAM
- Y Input SVHS Mode
- RGB Inputs
fOSC = 4.43MHz, Sharp Typ.
fOSC = 4.43MHz, no sharp
No trap Filter, Sharp Typ.
8
3.6
3.0
8
MHz
MHz
MHz
MHz
S/N
Signal to Noise Ratio of Output (VPP/VRMS)
4.43MHz PAL Signal
on Y/CVBS Input
No signal on R-Y, B-Y inputs
Contrast Max., Drive Max.,
Saturation Typ., Sharp Typ.,
Bandwidth 5MHz
50
dB
Res
Residual Frequency at fOSC
at 2 fOSC and Higher Harmonics
PAL/SECAM
PAL/SECAM
25
10
100
50
mVPP
mVPP
FILTERS
VTUN1
Tuning Voltage Range (Pin 8)
3.2 to 4.8
V
VTUN2
Cloche Tuning Voltage Range (Pin 9)
2.5 to 6.5
V
Y DELAY LINE
td1p
Delay Time PAL
SVHS mode
330
370
400
ns
td2
Delay Time SECAM
SVHS mode
500
540
580
ns
td3p
Delay Time PAL
CVBS mode
390
425
460
ns
td4
Delay Time SECAM
CVBS mode
550
590
630
ns
SHARPNESS CIRCUIT (PAL only)
fSharp
Center Frequency
SVHS mode
2.5
MHz
GSharp
Gain Variation from Min. to Max. Sharp
at fSharp
6dB
Overshoot
Amplitude Variation compared to B/W
2T pulse, Sharp Max.
150
%
Pre-shoot
Amplitude Variation compared to B/W
2T pulse, Sharp Max.
-15
%
After-shoot Amplitude Variation compared to B/W
2T pulse, Sharp Max.
-40
%
Coring
Coring Range compared to B/W
10
%
Y TRAP FILTER
fTrap
Trap Frequency PAL
-0.2
fOSC
+0.2
MHz
Trap Frequency SECAM
-0.2
4.25
+0.2
MHz
QTrap
Trap Quality Factor
(Q=1/(fo/f-3dB - f-3dB/fo))
Sharpness Min.
Sharpness Max.
1.7
3
-
-
CRejPN
Color Subcarrier Rejection
PAL mode, Sharpness Min.
20
dB
CrejS
Color Rejection SECAM Mode
at 4.1MHz
at 4.4MHz
18
18
dB
dB
CHROMINANCE BANDPASS
fC
Center Frequency
-0.25
fosc
+0.25 MHz
QBP
Bandpass Quality Factor
2.8
3.5
4.2
-
CLOCHE FILTER
fCloche
Resonant Frequency
4.286
MHz
QCloche
Cloche Quality factor
14
16
18
-
ACC CAPACITOR (Pin 5)
IC5
Charging Current
During burst gate window
250
µA
IL5
Leakage Current
0.2
1
µA
CHROMA PLL (Pins 2-3)
CR2-3
Catching Range
Q = 4.43MHz (Pin 3)
±600
Hz
STV2112B
11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com