Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC374P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74AC374P
Description  Octal D-Type Flip-Flops with 3-State Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC374P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74AC374P Datasheet HTML 1Page - Renesas Technology Corp HD74AC374P Datasheet HTML 2Page - Renesas Technology Corp HD74AC374P Datasheet HTML 3Page - Renesas Technology Corp HD74AC374P Datasheet HTML 4Page - Renesas Technology Corp HD74AC374P Datasheet HTML 5Page - Renesas Technology Corp HD74AC374P Datasheet HTML 6Page - Renesas Technology Corp HD74AC374P Datasheet HTML 7Page - Renesas Technology Corp HD74AC374P Datasheet HTML 8Page - Renesas Technology Corp HD74AC374P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74AC374/HD74ACT374
Rev.2.00, Jul.16.2004, page 3 of 9
Truth Table
Inputs
Outputs
D
n
CP
OE
OE
OE
OE
O
n
H
LH
L
LL
XXH
Z
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
:
Low-to-High Transition
Logic Diagram
O7
D7
CP
QQ
D
O6
D6
CP
QQ
D
O5
D5
CP
QQ
D
O4
D4
CP
QQ
D
O3
D3
CP
QQ
D
O2
D2
CP
QQ
D
O1
D1
CP
QQ
D
O0
D0
CP
OE
CP
QQ
D
Please note that this diagram is provided only for the understanding of logic operations and should not be
used to estimate propagation delays.
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions: HD74AC374
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
2 to 6
V
Input and Output voltage
V
I, VO
0 to V
CC
V
Operating temperature
Ta
–40 to +85
°C
V
CC = 3.0V
V
CC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
V
IN 30% to 70% VCC
tr, tf
8
ns/V
V
CC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com