Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1213E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HTT1213E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1213E Datasheet(HTML) 3 Page - Renesas Technology Corp

  HTT1213E Datasheet HTML 1Page - Renesas Technology Corp HTT1213E Datasheet HTML 2Page - Renesas Technology Corp HTT1213E Datasheet HTML 3Page - Renesas Technology Corp HTT1213E Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HTT1213E
Rev.1.00, Feb.07.2005, page 3 of 3
Package Dimensions
e
c
A
L
A
E
b
HE
LP
A2
I1
b2
A
A1
D
A
xS
A
M
S
y S
b
A-A Section
b1
c1
c
e1
e
Pattern of terminal position areas
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
y
b2
e1
I1
0.45
0
0.45
0.1
0.1
1.15
0.75
0.95
0.05
0.1
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
0.17
0.15
0.13
0.11
1.2
0.8
0.4
1.0
0.1
0.7
0.5
0.01
0.49
0.25
0.15
1.25
0.85
1.05
0.15
0.3
0.05
0.05
0.3
0.35
0.0012g
MASS[Typ.]
EMFPAK-6 / EMFPAK-6V
PXSF0006LA-A
RENESAS Code
JEITA Package Code
Previous Code
Ordering Information
Part Name
Quantity
Shipping Container
HTT1213EETL
5000
φ178Taping
Note:
Therefore especially small contact area of terminal, miss contact may occur if inadequate soldering condition is
applied.
Contact Renesas sales office for any question regarding recommended soldering condition of Renesas.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com