Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC166 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC166
Description  Parallel-load 8-bit Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC166 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC166 Datasheet HTML 1Page - Renesas Technology Corp HD74HC166 Datasheet HTML 2Page - Renesas Technology Corp HD74HC166 Datasheet HTML 3Page - Renesas Technology Corp HD74HC166 Datasheet HTML 4Page - Renesas Technology Corp HD74HC166 Datasheet HTML 5Page - Renesas Technology Corp HD74HC166 Datasheet HTML 6Page - Renesas Technology Corp HD74HC166 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Jan 31, 2006 page 1 of 6
HD74HC166
Parallel-load 8-bit Shift Register
REJ03D0582-0300
Rev.3.00
Jan 31, 2006
Description
This device is an 8-bit shift register with an output from the last stage. Data may be loaded into the register either in
parallel or in serial form. When the Shift/Load input is low, the data is loaded asynchronously in parallel. When the
Shift/Load input is high, the data is loaded serially on the rising edge of either clock inhibit or Clock. Clear is
asynchronous and active-low.
The 2-input NOR clock may be used either by combining two independent clock sources or by designating one of the
clock inputs to act as a clock inhibit.
Features
• High Speed Operation: t
pd (Clock to QH) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4
µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC166P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC166FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Parallel
Internal outputs
Output
Clear
Shift/Load
Clock
Inhibit
Clock
Serial
A ··· H
QA
QB
QH
L
X
X
X
X
X
L
L
L
H
X
L
L
X
X
QA0
QB0
QH0
H
L
L
X
a ··· h
a
b
h
H
H
L
H
X
H
QAn
QGn
H
H
L
L
X
L
QAn
QGn
H
X
H
X
X
QA0
QB0
QH0
QAo to QHo = Outputs remain unchanged.
QAn to QGn = Data shifted from the previous stage on a positive edge at the clock input.
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC166

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
More results

Similar Description - HD74HC166

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com