Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC190P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC190P
Description  Synchronous Up/Down Decade Counter (Single Clock Line)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC190P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC190P Datasheet HTML 5Page - Renesas Technology Corp HD74HC190P Datasheet HTML 6Page - Renesas Technology Corp HD74HC190P Datasheet HTML 7Page - Renesas Technology Corp HD74HC190P Datasheet HTML 8Page - Renesas Technology Corp HD74HC190P Datasheet HTML 9Page - Renesas Technology Corp HD74HC190P Datasheet HTML 10Page - Renesas Technology Corp HD74HC190P Datasheet HTML 11Page - Renesas Technology Corp HD74HC190P Datasheet HTML 12Page - Renesas Technology Corp HD74HC190P Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HD74HC190, HD74HC191
Rev.3.00, Jan 31, 2006 page 9 of 12
Load
Output Q
Data
(A to D)
VCC
50%
50%
50%
VOL
VOH
0 V
VCC
0 V
1. Input pulse : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. Conditions on other inputs are Vcc.
Notes :
tPLH
90%
10%
10%
tf
tr
90%
(Corresponding to data input)
• Waveform – 2
50%
tf
50%
tf
tTLH
tTHL
90%
10%
10%
90%
tPHL
50%
tPLH
tTLH
tTHL
90%
10%
10%
90%
tPHL
90%
10%
90%
10%
50%
50%
VOH
VOL
0 V
VCC
tPLH
50 %
Load
0 V
VCC
VCC
Down / Up
Clock
G
10 %
90 %
tr
10 %
tf
• Waveform – 3
10 %
90 %
tTLH
10 %
tTHL
0 V
VCC
0 V
VOH
Max / Min
tPHL
50 %
Ripple / Clock
50 %
50 %
10 %
tTHL
50 %
10 %
90 %
tTLH
50 %
10 %
90 %
tTLH
50 %
10 %
tTHL
50 %
50 %
50 %
90 %
tPLH
tPHL
tPHL
tPHL
90 %
10 %
90 %
tr
10 %
tf
90 %
VOL
Notes : 1. Input pulse : PRR
≤ 1 MHz, Zo = 50 Ω, t ≤ 6 ns, t ≤ 6 ns
2. All data inputs are GND.
rf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com