Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC192P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD74HC192P
Description  Synchronous Up/Down Decade Counter (Dual Clock Lines)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC192P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD74HC192P Datasheet HTML 6Page - Renesas Technology Corp HD74HC192P Datasheet HTML 7Page - Renesas Technology Corp HD74HC192P Datasheet HTML 8Page - Renesas Technology Corp HD74HC192P Datasheet HTML 9Page - Renesas Technology Corp HD74HC192P Datasheet HTML 10Page - Renesas Technology Corp HD74HC192P Datasheet HTML 11Page - Renesas Technology Corp HD74HC192P Datasheet HTML 12Page - Renesas Technology Corp HD74HC192P Datasheet HTML 13Page - Renesas Technology Corp HD74HC192P Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HD74HC192, HD74HC193
Rev.3.00, Jan 31, 2006 page 13 of 13
Package Dimensions
7.62
DP-16FV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
MASS[Typ.]
1.05g
A
Z
b
D
E
A
b
c
θ
e
L
1
1
p
3
e
0.51
0.56
1.30
0.19
0.25
0.31
2.29
2.54
2.79
0
°
15
°
PRDP0016AE-B
P-DIP16-6.3x19.2-2.54
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
0.80
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
10.5
FP-16DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
10.06
0.24g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-SOP16-5.5x10.06-1.27
PRSP0016DH-B
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com